Part Number Hot Search : 
A11JVAA PV150 2195QA BR1510L BD335 BGF106 AN204 02229
Product Description
Full Text Search
 

To Download AM3T-0512S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 3t -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aim tec (924 6832) f 051e r6.b 1 of 3 north america only features: models single output model input voltage (v) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am3t - 0505s - nz 4.5 - 9 5 600 1500 68 am3t - 0509s - nz 4.5 - 9 9 333 1500 70 am3t - 0512s - nz 4.5 - 9 12 250 1500 7 2 am3t - 0 515s - nz 4.5 - 9 15 200 1500 7 3 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) efficiency (%) am3t - 0505d - nz 4.5 - 9 5 300 1500 68 am3t - 0512d - nz 4.5 - 9 12 125 1500 7 2 1 am3t - 0515d - nz 4.5 - 9 15 100 1500 7 3 note: all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated out put load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 5 4.5 - 9 vdc filter (pi) network isolation specifications parameters conditions typical maximum units tested i/o voltage 60 sec 1 5 00 vdc resistance > 1000 mohm capacitance 10 0 pf output specifications parameters conditions typical maximu m units voltage accuracy 1 % voltage balance 3p and 5 n. % short circuit protection continuous short circuit restart auto - recovery line voltage regulation (single) 0.2 % line voltage regulation (dual) 0. 5 % load voltage regulation (sin gle) 0. 5 % load voltage regulation (dual) 1 % temperature coefficient 0.03 %/ o c ripple & noise 20mhz bandwidth 80 mv p - p ? rohs compliant ? operating temperature - 40 o c to + 85 o c ? 2 4 pin d ip package ? input / output isolation 1 5 00 v dc ? shielded metal package ? pin comp a t i ble with multiple manufacturers ? high efficiency up to 83 % ? continuous short circuit protection ? wide 2:1 input range
series am 3t -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aim tec (924 6832) f 051e r6.b 2 of 3 north america only general specifications parameters conditions typical maximum units s w itching frequency 100% load 300 khz operating te mperature with derating above +71c - 40 to +85 o c storage temperature - 55 to +125 o c max case temp era ture 100 o c cooling free air convection humidity 95 % case material metal weight 15 g dimensions (l x w x h) 1.25 x 0.80 x 0.40 inches 31 . 80 x 20.30 x 10.20 mm mtbf > 1 0 00 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) pin out specifications dimensions n.c.: not connected filtering single output filtering dual output deratin g pin 1500vdc single dual 1 no pin no pin 2 - v input - v input 3 - v input - v input 9 no pin common 10 no pin no pin 11 n . c . - v output 12/13 no pin no pin 14 +v output +v output 15 no pin no pin 16 - v output common 22 v+ input +v input 23 v+ input +v input 24 no pin no pin
series am 3t -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aim tec (924 6832) f 051e r6.b 3 of 3 north america only - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 free air convection 71 o c safe operating area output power (%) 85 ambient temperature o c external capacitor s note: 1. datasheets are updated as needed and as such, specifications are subje ct to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may va ry based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise speci fie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be availabl e for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com. vin (v dc ) cin ) (uf) vout (vdc) cout (uf) 5 100 3.3 2200 5 1000 12 470 15 330


▲Up To Search▲   

 
Price & Availability of AM3T-0512S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X